Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2-12ATS Datasheet(PDF) 3 Page - RAYEX ELECTRONICS CO., LTD

Part # LB2-12ATS
Description  LB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LB2-12ATS Datasheet(HTML) 3 Page - RAYEX ELECTRONICS CO., LTD

  LB2-12ATS Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LB2-12ATS Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
DIMENSIONS(±0.2mm)
LB2H-(T)
21.5
6.2
35
13.2
21.5
1
5
9
13
4
8
12
14
21.5
1
5
9
13
4
8
12
14
3.6
13.2
LB4H-(T)
21.5
21.5
1
5
9
13
4
8
12
14
2
3
6
7
10
11
13.2
4.4
35
6.2
21.5
1
5
9
13
4
8
12
14
3.6
13.2
2
3
6
7
10
11
Flange Cover
DRILLING PLAN
14.2
10
21.5
7- Ø2.5
LB1
14.2
10
21.5
21.5
8-Ø1.3
13.2
21.5
14-Ø1.3
13.2
4.4
LB2
LB2H
LB4H
8-Ø1.3
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com