Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325 Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST72325
Description  8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST72325 Datasheet HTML 180Page - STMicroelectronics ST72325 Datasheet HTML 181Page - STMicroelectronics ST72325 Datasheet HTML 182Page - STMicroelectronics ST72325 Datasheet HTML 183Page - STMicroelectronics ST72325 Datasheet HTML 184Page - STMicroelectronics ST72325 Datasheet HTML 185Page - STMicroelectronics ST72325 Datasheet HTML 186Page - STMicroelectronics ST72325 Datasheet HTML 187Page - STMicroelectronics ST72325 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 193 page
background image
ST72325
184/193
ST72P325 FASTROM MICROCONTROLLER OPTION LIST
(Last update: August 2005)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Version/ Temp. Range (do not check for die product). Please refer to datasheet for specific sales conditions:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] 1 to 2 MHz
[ ] 2 to 4 MHz
[ ] 4 to 8 MHz
[ ] 8 to 16 MHz
[ ] Internal RC
[ ] External Clock
PLL:
[ ] Disabled
[ ] Enabled
CSS:
[ ] Disabled
[ ] Enabled
LVD Reset: [ ] Disabled
[ ] High threshold
[ ] Med. threshold
[ ] Low threshold
Reset Delay:
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Reset
[ ] No Reset
Readout Protection:
[ ] Disabled
[ ] Enabled
------------------------------
FASTROM DEVICE:
------------------------------
|
|
---------------------------
60K
---------------------------
|
|
--------------------------
48K
--------------------------
|
|
---------------------------
32K
---------------------------
|
|
--------------------------
16K
--------------------------
|
|
TQFP32 7x7:
|
|
| [ ] ST72P325K6T
|
[ ] ST72P325K4T|
SDIP32:
|
|
| [ ] ST72P325K6B
|
[ ] ST72P325K4B|
TQFP48 7x7:
| [ ] ST72P325C9T
| [ ] ST72P325C7T
| [ ] ST72P325C6T
|
[ ] ST72P325C4T|
TQFP44 10x10:
| [ ] ST72P325J9T
| [ ] ST72P325J7T
| [ ] ST72P325J6T
|
[ ] ST72P325J4T |
SDIP42:
|
|
| [ ] ST72P325J6B
|
[ ] ST72P325J4B |
TQFP64 10x10:
| [ ] ST72P325AR9T | [ ] ST72P325AR7T | [ ] ST72P325AR6T |
|
TQFP64 14x14:
| [ ] ST72P325R9T
| [ ] ST72P325R7T
|
|
|
------------------------------
DIE FORM:
------------------------------
|
|
---------------------------
60K
----------------------------
|
|
---------------------------
48K
---------------------------
|
|
---------------------------
32K
----------------------------
|
|
---------------------------
32K
---------------------------
|
|
|
[ ]
|
[ ]
|
[ ]
|
[ ]
|
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
|
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
-----------------------------
Standard
-----------------------------
-------------------------------------------
Automotive
-------------------------------------------
-------------------------------------------
Temp. Range
-------------------------------------------
[ ]
[ ]
0°C to +70°C
[ ]
[ ] -10°C to +85°C
[ ]
[ ]
[ ] -40°C to +85°C
[ ]
[ ] -40°C to +105°C
[ ]
[ ]
[ ] -40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com