Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 7 Page - ams AG

Part # AS1746
Description  0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 7 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 2 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 15
AS1746
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Turn-ON/OFF vs. Temperature, VDD = 3V
Figure 10. Turn-ON/OFF Times vs. VSupply
Figure 11. Logic Threshold Voltage vs. Supply Voltage
Figure 12. Charge Injection vs. COM Voltage
Figure 13. Frequency Response
Figure 14. THD+N vs. Frequency
0
10
20
30
40
50
60
70
80
90
1.5
2.5
3.5
4.5
5.5
VSupply(V)
10
15
20
25
30
35
-40
-15
10
35
60
85
Temperature (°C)
t
OFF
t
ON
t
OFF
t
ON
NC
NC
NO
NO
-150
-100
-50
0
50
100
150
200
250
300
350
01
2
3
4
5
6
VCOM (V)
0
0.5
1
1.5
01
2
3
45
6
Supply Voltage (V)
V
IN falling
V
IN rising
-100
-80
-60
-40
-20
0
0.001
0.1
10
1000
Frequency (MHz)
0
0.01
0.02
0.03
0.04
0.05
10
1000
100000
Frequency (Hz)
Crosstalk
OFF- Isolation
ON- Response



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com