Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 10 Page - ams AG

Part # AS1746
Description  0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 10 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 2 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 15
AS1746
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Test Circuits and Timing Diagrams
Figure 17. Switching Time
Figure 18. Break-Before-Make Interval
Figure 19. Charge Injection
AS1746
COMx
RLOAD
50
Ω
VOUT
INx
V+
Switch
Output
Logic
Input
VIL
0
VOUT
VIH
tON
tOFF
tR < 5ns
tF < 5ns
50%
50%
0.9 x VOUT
NOx or NCx
VIN
CLOAD
†
35pF
†
Includes stray capacitance and fixture capacitance.
0.9 x VOUT
Logic input waveforms inverted for switches
that have the opposite logic sense.
GND
Logic
Input
VOUT = VNx
RLOAD
RLOAD + RON
()
AS1746
COMx
VOUT
INx
V+
NCx
VIN
NOx
†
Includes stray capacitance and fixture capacitance.
Logic
Input
0
VOUT
VIH
tD
50%
0.9 x VOUT
GND
Logic
Input
RLOAD
50
Ω
CLOAD
†
35pF
NOx or NCx
CLOAD
VOUT
RGEN
VOUT
INx
ΔVOUT
INx depends on switch configuration; input polarity is determined
by the sense of the switches.
V+
VIL to
VIH
INx
INx
Off
Off
Off
Off
On
On
VGEN
GND
AS1746
COMx
Q =
ΔVOUT x CLOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com