Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1746 Datasheet(PDF) 4 Page - ams AG

Part # AS1746
Description  0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 4 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
www.austriamicrosystems.com
Revision 1.03
4 - 15
AS1746
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
(V+ = +2.7V to +3.3V, VIH = +1.4V, VIL = +0.5V, TAMB = -40°C to +85°C (unless otherwise specified). Typical values are
at +3V and +25°C.
Table 3. Electrical Characteristics
Symbol
Parameter
1
Condition
Min
Typ
Max
Unit
Analog Switch
VNOx, VNCx,
VCOMx
Analog Signal Range
0
V+
V
RON(NC)
NCx On-Resistance
V+ = 2.7V, ICOMx = 100mA,
VNCx = 0 to V+, TAMB = 25°C
0.3
0.45
Ω
V+ = 2.7V, ICOMx = 100mA,
VNCx = 0 to V+
0.5
RON(NO)
NOx On-Resistance
V+ = 2.7V, ICOMx = 100mA,
VNOx = 0 to V+, TAMB = 25°C
0.35
0.55
Ω
V+ = 2.7V, ICOMx = 100mA,
VNOx = 0 to V+
0.6
ΔRON
On-Resistance Match
Between Channels
2
V+ = 2.7V, ICOMx = 100mA,
VNCx/VNOx = 1.5V
0.02
0.06
Ω
RFLAT(NC)
NCx On-Resistance
Flatness
3
V+ = 2.7V, ICOMx = 100mA,
VNCx = 0 to V+
0.06
0.15
Ω
RFLAT(NO)
NOx On-Resistance
Flatness
3
V+ = 2.7V, ICOMx = 100mA,
VNOx = 0 to V+
0.1
0.35
Ω
INOxOFF/
INCxOFF
NCx or NOx Off-
Leakage Current
4
V+ = 3.3V, VNOx/VNCx = 3V, 0.3V,
VCOMx = 0.3V, 3V, TAMB = 25°C
-1
1
nA
V+ = 3.3V, VNOx/VNCx = 3V, 0.3V,
VCOMx = 0.3V, 3V
-10
10
nA
ICOMxON
COMx On-Leakage
Current
4
V+ = 3.3V, VNOx/VNCx = 3V, 0.3V or float,
VCOMx = 3V, 0.3V, or float, TAMB = 25°C
-2
2
nA
V+ = 3.3V, VNOx/VNCx = 3V, 0.3V or float,
VCOMx = 3V, 0.3V, or float
-30
30
nA
Dynamic Characteristics
tON
Turn On Time
5
V+ = 2.7V, VNOx/VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF,
TAMB = 25°C
30
50
ns
V+ = 2.7V, VNOx/VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF
(see Figure 17 on page 10)
60
tOFF
Turn Off Time
5
V+ = 2.7V, VNOx/VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF,
TAMB = 25°C
20
30
ns
V+ = 2.7V, VNOx/VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF
(see Figure 17 on page 10)
35
tBBM
Break-Before-Make
Delay
5
V+ = 2.7V, VNOx/VNCx = 1.5V,
RLOAD = 50
Ω, CLOAD = 35pF
(see Figure 18 on page 10)
215
ns
Q
Charge Injection
COMx = 0, RS = 0, CLOAD = 1nF (see
Figure 19 on page 10)
200
pC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com