Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AFILFT Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # ICS1893AFILFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILFT Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button ICS1893AFILFT Datasheet HTML 129Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 130Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 131Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 132Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 133Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 134Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 135Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 136Page - Renesas Technology Corp ICS1893AFILFT Datasheet HTML 137Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 134 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
134
Chapter 11
Physical Dimensions of ICS1893AF
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 11
Physical Dimensions of ICS1893AF Package
Figure 11-1.
ICS1893AF Physical Dimensions
INDEX
AREA
INDEX
AREA
12
12
N
D
h x 45˚
h x 45˚
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A1
A
e
-C-
b
.10 (.004) C
.10 (.004) C
c
L
MIN
MAX
MIN
MAX
A
2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c
0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291.299
e
h
0.38
0.64
.015
.025
L
0.50
1.02
.020
.040
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.40
9.65
.370
.380
48
15.75
16.00
.620
.630
56
18.31
18.55
.720
.730
64
20.80
21.11
.820
.830
10-0034
Reference Doc.: JEDEC Publication 95, MO-118
300 mil SSOP
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com