Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 103 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 99Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 100Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 101Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 102Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 103Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 104Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 105Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 106Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 107Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 103 / 107 page
background image
103
T48C862-R3
4554A–4BMCU–02/03
Peripheral Modules ............................................................................. 30
Addressing Peripherals ....................................................................................... 30
Bi-directional Ports ............................................................................. 33
Bi-directional Port 1 ............................................................................................ 33
Bi-directional Port 2 ............................................................................................ 34
Port 2 Data Register (P2DAT) ...................................................................... 35
Port 2 Control Register (P2CR) .................................................................... 35
Bi-directional Port 5 ............................................................................................ 35
Port 5 Data Register (P5DAT) ...................................................................... 36
Port 5 Control Register (P5CR) Byte Write ................................................... 36
Bi-directional Port 4 ............................................................................................ 37
Port 4 Data Register (P4DAT) ...................................................................... 38
Port 4 Control Register (P4CR) Byte Write ................................................... 38
Bi-directional Port 6 ............................................................................................ 38
Port 6 Data Register (P6DAT) ...................................................................... 39
Port 6 Control Register (P6CR) .................................................................... 39
Universal Timer/Counter/ Communication Module (UTCM) ...............................39
Timer 1 ................................................................................................................ 40
Timer 1 Control Register 1 (T1C1) ................................................................ 42
Timer 1 Control Register 2 (T1C2) ................................................................ 43
Watchdog Control Register (WDC) ...............................................................43
Timer 2 ................................................................................................................ 44
Timer 2 Modes .................................................................................................... 45
Mode 1: 12-bit Compare Counter ................................................................. 45
Mode 2: 8-bit Compare Counter with 4-bit Programmable Prescaler ...........45
Mode 3/4: 8-bit Compare Counter and 4-bit Programmable Prescaler ......... 46
Timer 2 Output Modes ........................................................................................ 46
Timer 2 Output Signals ....................................................................................... 47
Timer 2 Output Mode 1 ................................................................................. 47
Timer 2 Output Mode 2 ................................................................................. 48
Timer 2 Output Mode 3 ................................................................................. 48
Timer 2 Output Mode 4 ................................................................................. 49
Timer 2 Output Mode 5 ................................................................................. 49
Timer 2 Output Mode 7 ................................................................................. 49
Timer 2 Registers ...............................................................................................50
Timer 2 Control Register (T2C) ..................................................................... 50
Timer 2 Mode Register 1 (T2M1) .................................................................. 51
Duty Cycle Generator ................................................................................... 51
Timer 2 Mode Register 2 (T2M2) .................................................................. 52
Timer 2 Compare and Compare Mode Registers ......................................... 53
Timer 2 Compare Mode Register (T2CM) .................................................... 53
Timer 2 COmpare Register 1 (T2CO1) .........................................................53
Timer 2 COmpare Register 2 (T2CO2) Byte Write ....................................... 54
Timer 3 ................................................................................................. 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com