Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71WS256JC0BAWTY2 Datasheet(PDF) 113 Page - SPANSION

Part # S71WS256JC0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY2 Datasheet(HTML) 113 Page - SPANSION

Back Button S71WS256JC0BAWTY2 Datasheet HTML 109Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 110Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 111Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 112Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 113Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 114Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 115Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 116Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 117Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
111
Pr elim inary
AC Characteristics
:DLW 6WDWH'HFRGLQJ$GGUHVVHV
A14, A13, A12 = “111”
⇒ Reserved
A14, A13, A12 = “110”
⇒ Reserved
A14, A13, A12 = “101”
⇒ 5 programmed, 7 total
A14, A13, A12 = “100”
⇒ 4 programmed, 6 total
A14, A13, A12 = “011”
⇒ 3 programmed, 5 total
A14, A13, A12 = “010”
⇒ 2 programmed, 4 total
A14, A13, A12 = “001”
⇒ 1 programmed, 3 total
A14, A13, A12 = “000”
⇒ 0 programmed, 2 total
1RWH )LJXUH DVVXPHVDGGUHVV'LVQRW DWDQDGGUHVVERXQGDU\DFWLYHFORFN HGJHLVULVLQJDQGZDLW VWDWH LV VHW WR³´
Figure 36.
Example of Wait States Insertion
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following addresses being latched
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com