Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 104 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 104 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 100Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 101Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 102Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 103Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 104Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 105Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 106Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 107Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 186 page
background image
102
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
AC Characteristics
1RWHV
 3$
3URJUDP $GGUHVV3'
3URJUDP 'DWD9$
9DOLG$GGUHVV IRUUHDGLQJ VWDWXV ELWV
 ³,QSURJUHVV´DQG³FRPSOHWH´ UHIHU WRVWDWXVRISURJUDPRSHUDWLRQ
 $±$DUH GRQ¶WFDUHGXULQJ FRPPDQG VHTXHQFHXQORFNF\FOHV
 $GGUHVVHV DUHODWFKHGRQ WKHILUVWRIHLWKHUWKHULVLQJHGJHRI $9' RUWKH DFWLYHHGJH RI &/.
 (LWKHU &( RU$9' LV UHTXLUHGWR JR IURP ORZ WR KLJKLQEHWZHHQSURJUDPPLQJFRPPDQGVHTXHQFHV
 7KH 6\QFKURQRXV SURJUDPPLQJ RSHUDWLRQ LV GHSHQGHQW RI WKH 6HW 'HYLFH 5HDG 0RGH ELW LQ WKH &RQILJXUDWLRQ 5HJLVWHU
7KH&RQILJXUDWLRQ5HJLVWHU PXVWEHVHWWR WKH6\QFKURQRXV 5HDG0RGH
Figure 25.
Synchronous Program Operation Timings: CLK Latched Addresses
OE#
CE#
Data
Addresses
AVD#
WE#
CLK
VCC
555h
PD
tWC
tWPH
tWP
PA
tVCS
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
tAVDP
A0h
tAS
tCAS
tAH
tAVCH
tCSW
tAVSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com