Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 120 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 120 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 116Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 117Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 118Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 119Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 120Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 121Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 122Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 123Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 124Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 186 page
background image
118
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Preli m inary
Synchronous Operation State
1RWHV
 $VVXPHV DOOWKHSDUDPHWHUV VSHFLILHGLQWKH $& &KDUDFWHULVWLFV VHFWLRQDUHVDWLVILHG5HIHUWRWKH )XQFWLRQDO'HVFULSWLRQ
VHFWLRQ $&&KDUDFWHULVWLFV VHFWLRQ DQG WKH 7LPLQJ 'LDJUDPV VHFWLRQIRU GHWDLOV53 5HVHWWR 3DJH PRGHLVDYDLODEOH
RQO\IRU 0
Functional Description
7KLV GHYLFH VXSSRUWV DV\QFKURQRXV SDJH UHDG
QRUPDO ZULWH RSHUDWLRQ DQG V\Q
FKURQRXV EXUVW UHDG
EXUVW ZULWH RSHUDWLRQ IRU IDVWHU PHPRU\ DFFHVV DQG
IHDWXUHV WKUHH NLQGV RI SRZHU GRZQ PRGHV IRU SRZHU VDYLQJ DV D XVHU FRQILJ
XUDEOHRSWLRQ
Power-up
,W LV UHTXLUHG WR IROORZ WKH SRZHUXS WLPLQJ WR VWDUW H[HFXWLQJ SURSHU GHYLFH RS
HUDWLRQ 5HIHU WR 32:(583 7LPLQJ $IWHU 3RZHUXS WKH GHYLFH GHIDXOWV WR
DV\QFKURQRXV SDJH UHDG
QRUPDO ZULWH RSHUDWLRQ PRGH ZLWK VOHHS SRZHU GRZQ
IHDWXUH
Configuration Register
7KH &RQILJXUDWLRQ 5HJLVWHU &5 LV XVHG WR FRQILJXUH WKH W\SH RI GHYLFH IXQFWLRQ
DPRQJ RSWLRQDO IHDWXUHV (DFK VHOHFWLRQ RI IHDWXUHV LV VHW WKURXJK &5 6HW VH
TXHQFH DIWHU 3RZHUXS ,I &5 6HW VHTXHQFH LV QRW SHUIRUPHG DIWHU SRZHUXS WKH
GHYLFH LV FRQILJXUHG IRU DV\QFKURQRXV RSHUDWLRQ ZLWK VOHHS SRZHU GRZQ IHDWXUH
DV GHIDXOW FRQILJXUDWLRQ
CR Set Sequence
7KH &5 6HW UHTXLUHV WRWDO  UHDGZULWH RSHUDWLRQV ZLWK XQLTXH DGGUHVV %HWZHHQ
HDFK UHDGZULWH RSHUDWLRQ UHTXLUHV WKH GHYLFH WR EH LQ VWDQGE\ PRGH 7KH IROORZ
LQJWDEOHVKRZVWKHGHWDLO VHTXHQFH
Figure 40.
Synchronous Operation Diagram
Cycle #
Operation
Address
Data
VW
5HDG
)))))K 06%
5HDG 'DWD 5'D
QG
:ULWH
)))))K
5'D
Standby
Write
Read
Read
Suspend
Write
Suspend
CE2 = CE1# = H
CE1# = H
CE1# = H
WE# = H
WE# = L
ADV# Low Pulse
ADV# Low Pulse
(@BL = 8 or 16, and after burst
operation is completed)
CE1# = L
ADV# Low Pulse
& WE# = L
CE1# = L
ADV# Low Pulse
& OE# = L
ADV# Low Pulse
OE# = L
OE# = H
CE1# = H
CE1# = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com