Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC393D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Nexperia
74HC393-Q100; 74HCT393-Q100
Dual 4-bit binary ripple counter
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC393D-Q100
74HCT393D-Q100
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC393PW-Q100
74HCT393PW-Q100
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HC393BQ-Q100
74HCT393BQ-Q100
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1
4. Functional diagram
001aad532
1CP
1
1
2
6
5
3
4
1MR
1Q0
1Q1
1Q2
1Q3
2CP
2
13
12
8
9
11
10
2MR
2Q0
2Q1
2Q2
2Q3
Fig. 1. Logic symbol
001aad533
CT = 0
CT
12
13
8
9
11
10
+
0
3
CT = 0
CT
2
1
6
5
3
4
+
0
3
CTR4
CTR4
Fig. 2. IEC logic symbol
001aad534
1CP
4-BIT
BINARY
RIPPLE
COUNTER
4-BIT
BINARY
RIPPLE
COUNTER
1
2
6
5
3
4
1MR
1Q0
1Q1
1Q2
1Q3
2CP
13
12
8
9
11
10
2MR
2Q0
2Q1
2Q2
2Q3
Fig. 3. Functional diagram
001aad535
0
15
14
13
12
1
2
3
4
5
6
7
11
10
9
8
Fig. 4. State diagram
74HC_HCT393_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 22 October 2021
2 / 16



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com