Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2TA Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72F324J2TA
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2TA Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72F324J2TA Datasheet HTML 151Page - STMicroelectronics ST72F324J2TA Datasheet HTML 152Page - STMicroelectronics ST72F324J2TA Datasheet HTML 153Page - STMicroelectronics ST72F324J2TA Datasheet HTML 154Page - STMicroelectronics ST72F324J2TA Datasheet HTML 155Page - STMicroelectronics ST72F324J2TA Datasheet HTML 156Page - STMicroelectronics ST72F324J2TA Datasheet HTML 157Page - STMicroelectronics ST72F324J2TA Datasheet HTML 158Page - STMicroelectronics ST72F324J2TA Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 167 page
background image
ST72324B
155/167
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 FLASH DEVICE ORDERING INFORMATiON
Refer to the following tables for guidance on order-
ing.
Standard and Industrial Versions
■ For
existing and new designs select the
ST72F324B devices from Table 27.
■ For
running
production
orders
of
earlier
ST72F324 devices, refer to ordering information
in the separate datasheet.
Automotive applications
■ For existing and new designs in Automotive
applications select the devices from Table 28.
Table 27. Standard and Industrial ST72F324B Flash Order Codes
Part Number
Package
Flash Memory (KBytes)
Temp. Range
ST72F324BK2B5
SDIP32
8
-10°C +85°C
ST72F324BK4B5
16
ST72F324BK6B5
32
ST72F324BK2B6
8
-40°C +85°C
ST72F324BK4B6
16
ST72F324BK6B6
32
ST72F324BJ2B5
SDIP42
8
-10°C +85°C
ST72F324BJ4B5
16
ST72F324BJ6B5
32
ST72F324BJ2B6
8
-40°C +85°C
ST72F324BJ4B6
16
ST72F324BJ6B6
32
ST72F324BK2T5
TQFP32
32
-10°C +85°C
ST72F324BK2T6
8
-40°C +85°C
ST72F324BK4T6
16
ST72F324BK6T6
32
ST72F324BK2T3
8
-40°C +125°C
ST72F324BK4T3
16
ST72F324BK6T3
32
ST72F324BJ2T5
TQFP44
32
-10°C +85°C
ST72F324BJ2T6
8
-40°C +85°C
ST72F324BJ4T6
16
ST72F324BJ6T6
32
ST72F324BJ2T3
8
-40°C +125°C
ST72F324BJ4T3
16
ST72F324BJ6T3
32
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com