Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2TA Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72F324J2TA
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2TA Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72F324J2TA Datasheet HTML 159Page - STMicroelectronics ST72F324J2TA Datasheet HTML 160Page - STMicroelectronics ST72F324J2TA Datasheet HTML 161Page - STMicroelectronics ST72F324J2TA Datasheet HTML 162Page - STMicroelectronics ST72F324J2TA Datasheet HTML 163Page - STMicroelectronics ST72F324J2TA Datasheet HTML 164Page - STMicroelectronics ST72F324J2TA Datasheet HTML 165Page - STMicroelectronics ST72F324J2TA Datasheet HTML 166Page - STMicroelectronics ST72F324J2TA Datasheet HTML 167Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 166 / 167 page
background image
ST72324B
166/167
16 REVISION HISTORY
Table 35. Revision History
Date
Revision
Description of Changes
05-May-2004
2.0
Merged ST72F324 Flash with ST72324B ROM datasheet.
Vt POR max modified in Section 12.4 on page 118
Added Figure 75 on page 138
Modified VAREF min in “10-BIT ADC CHARACTERISTICS” on page 143
Modified I INJ for PB0 in Section 12.9
Added “Clearing active interrupts outside interrupt routine” on page 163
Modified “32K ROM DEVICES ONLY” on page 165
30-Mar-2005
3
Removed Clock Security System (CSS) throughout document
Added notes on ST72F324B 8K/16K Flash devices in Table 1 and Table 27
Corrected MCO description in Table 1 and Section 10.2
Modified VtPOR in Section 12.4 on page 118
Static current consumption modified in Section 12.9 on page 133
Updated footnote and Figure 74 and Figure 75 on page 138
Modified Soldering information in Section 13.3
Updated Section 14 on page 151
Added Table 27
Modified Figure 7 and note 4 in “FLASH PROGRAM MEMORY” on page 17
Added limitation on ICC entry mode with 39 pulses to “KNOWN LIMITATIONS” on
page 162
Added Section 16 on page 163 for ST72F324B 8K/16K Flash devices
Modified “Internal Sales Types on box label” in Table 29
12-Sep-2005
4
Removed notes related to ST72F324, refer to datasheet rev 3 for specifications on older
devices.
Note: This datasheet rev refers only to ST72F324B and ST72324B .
Added oscillator diagram and table to Section 12.6.3 on page 124
Increased Data retention max. parameter in Section 12.7.2 on page 129
Updated Current Consumption for in Section 12.5 on page 119
Updated Vt POR max in Section 12.4 on page 118
Added “external interrupt missed” in Section 15.1 on page 162
Updated ordering Section 14.3 on page 155 and Section 14.5 on page 157
Updated Development tools Section 14.6 on page 158
06-Feb-2006
5
Added description of SICSR register at address 2Bh in “Hardware Register Map” on
page 14
Highlighted note in SPI “Master Mode Operation” on page 81
Changed description on port PF2 to added internal pull-up “Device Pin Description” on
page 10 and “Port Configuration” on page 49
Added note 5 on analog input static current consumption “General Characteristics” on
page 133
Changed “Static and Dynamic Latch-Up” on page 132
Updated notes in “THERMAL CHARACTERISTICS” on page 149
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com