Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC8178TK Datasheet HTML 1Page - Renesas Technology Corp UPC8178TK Datasheet HTML 2Page - Renesas Technology Corp UPC8178TK Datasheet HTML 3Page - Renesas Technology Corp UPC8178TK Datasheet HTML 4Page - Renesas Technology Corp UPC8178TK Datasheet HTML 5Page - Renesas Technology Corp UPC8178TK Datasheet HTML 6Page - Renesas Technology Corp UPC8178TK Datasheet HTML 7Page - Renesas Technology Corp UPC8178TK Datasheet HTML 8Page - Renesas Technology Corp UPC8178TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DESCRIPTION
The
µPC8178TK is a silicon monolithic integrated circuit designed as amplifier for mobile communications. This IC
can realize low current consumption with external chip inductor which can not be realized on internal 50
wide band matched IC.
µPC8178TK adopts 6-pin lead-less minimold package using same chip as the conventional
µPC8178TB in 6-pin super minimold.
TK suffix IC which is smaller package than TB suffix IC contributes to reduce mounting space by 50 %.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process.
FEATURES
• Low current consumption
: ICC = 1.9 mA TYP. @ VCC = 3.0 V
• Supply voltage
: VCC = 2.4 to 3.3 V
• Excellent isolation
: ISL = 40 dB TYP. @ f = 1.0 GHz
ISL = 41 dB TYP. @ f = 1.9 GHz
ISL = 42 dB TYP. @ f = 2.4 GHz
• Power gain
: GP = 11.0 dB TYP. @ f = 1.0 GHz
GP = 11.0 dB TYP. @ f = 1.9 GHz
GP = 11.0 dB TYP. @ f = 2.4 GHz
• Gain 1 dB compression output power : PO (1 dB) =
−5.5 dBm TYP. @ f = 1.0 GHz
PO (1 dB) =
−8.0 dBm TYP. @ f = 1.9 GHz
PO (1 dB) =
−8.0 dBm TYP. @ f = 2.4 GHz
• Operating frequency
: 0.1 to 2.4 GHz (Output port LC matching)
• High-density surface mounting
: 6-pin lead-less minimold package (1.5
× 1.3 × 0.55 mm)
• Light weight
: 3 mg (Standard value)
APPLICAION
• Buffer amplifiers on 0.1 to 2.4 GHz mobile communications system
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8178TK
SILICON MMIC LOW CURRENT AMPLIFIER
FOR MOBILE COMMUNICATIONS
Document No. PU10063EJ02V0DS (2nd edition)
Date Published March 2005 CP(K)
Printed in Japan
 NEC Compound Semiconductor Devices, Ltd. 2001, 2005
The mark
shows major revised points.


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com