Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC8178TK Datasheet HTML 1Page - Renesas Technology Corp UPC8178TK Datasheet HTML 2Page - Renesas Technology Corp UPC8178TK Datasheet HTML 3Page - Renesas Technology Corp UPC8178TK Datasheet HTML 4Page - Renesas Technology Corp UPC8178TK Datasheet HTML 5Page - Renesas Technology Corp UPC8178TK Datasheet HTML 6Page - Renesas Technology Corp UPC8178TK Datasheet HTML 7Page - Renesas Technology Corp UPC8178TK Datasheet HTML 8Page - Renesas Technology Corp UPC8178TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
µPC8178TK-E2
µPC8178TK-E2-A
6-pin lead-less minimold
(1511) (Pb-Free)
Note
6B
• Embossed tape 8 mm wide
• Pin 1, 2, 3 face the perforation side of the tape
• Qty 5 kpcs/reel
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC8178TK
PRODUCT LINE-UP (TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω)
Parameter
1.0 GHz output port
matching frequency
1.66 GHz output port
matching frequency
1.9 GHz output port
matching frequency
2.4 GHz output port
matching frequency
Marking
Part No.
ICC
(mA)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
µPC8178TB
1.9
11.0
39.0
−4.0
11.5
40.0
−7.0
11.5
38.0
−7.5
C3B
µPC8178TK
1.9
11.0
40.0
−5.5
11.0
41.0
−8.0
11.0
42.0
−8.0
6B
µPC8179TB
4.0
13.5
44.0
+3.0
15.5
42.0
+1.5
15.5
41.0
+1.0
C3C
µPC8128TB
2.8
12.5
39.0
−4.0
13.0
39.0
−4.0
13.0
37.0
−4.0
C2P
µPC8151TB
4.2
12.5
38.0
+2.5
15.0
36.0
+1.5
15.0
34.0
+0.5
C2U
µPC8152TB
5.6
23.0
40.0
−4.5
19.5
38.0
−8.5
17.5
35.0
−8.5
C2V
Remarks 1. Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
2. To know the associated product, please refer to each latest data sheet.
Data Sheet PU10063EJ02V0DS
2
µPC8178TK


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com