Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC8178TK Datasheet HTML 3Page - Renesas Technology Corp UPC8178TK Datasheet HTML 4Page - Renesas Technology Corp UPC8178TK Datasheet HTML 5Page - Renesas Technology Corp UPC8178TK Datasheet HTML 6Page - Renesas Technology Corp UPC8178TK Datasheet HTML 7Page - Renesas Technology Corp UPC8178TK Datasheet HTML 8Page - Renesas Technology Corp UPC8178TK Datasheet HTML 9Page - Renesas Technology Corp UPC8178TK Datasheet HTML 10Page - Renesas Technology Corp UPC8178TK Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25°C, Pin 4, Pin 6
3.6
V
Circuit Current
ICC
TA = +25°C
15
mA
Power Dissipation
PD
TA = +85°C
Note
232
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25°C
+5
dBm
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
Supply Voltage
VCC
2.4
3.0
3.3
V
The same voltage should be applied to
pin 4 and pin 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω, at LC matched frequency)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
1.4
1.9
2.4
mA
Power Gain
GP
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
9.0
9.0
9.0
11.0
11.0
11.0
13.0
13.5
13.5
dB
Isolation
ISL
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
35.0
36.0
37.0
40.0
41.0
42.0
dB
Gain 1 dB Compression Output
Power
PO(1 dB)
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
−8.0
−11.0
−11.5
−5.5
−8.0
−8.0
dBm
Noise Figure
NF
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
5.5
5.5
5.5
7.0
7.0
7.0
dB
Input Return Loss
RLin
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
4.0
5.0
6.5
7.0
8.0
9.5
dB
Data Sheet PU10063EJ02V0DS
5
µPC8178TK


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com