Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC8178TK Datasheet HTML 7Page - Renesas Technology Corp UPC8178TK Datasheet HTML 8Page - Renesas Technology Corp UPC8178TK Datasheet HTML 9Page - Renesas Technology Corp UPC8178TK Datasheet HTML 10Page - Renesas Technology Corp UPC8178TK Datasheet HTML 11Page - Renesas Technology Corp UPC8178TK Datasheet HTML 12Page - Renesas Technology Corp UPC8178TK Datasheet HTML 13Page - Renesas Technology Corp UPC8178TK Datasheet HTML 14Page - Renesas Technology Corp UPC8178TK Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
<3> f = 2.4 GHz
VCC
C1
C4
C3
C5
C2
OUT
IN
PC8178TK
µ
Top View
Mounting direction
C6
VCC
L1
(
∗1) 42 × 35 × 0.4 mm polyimide board, double-sided copper clad
(
∗2) Back side: GND pattern
(
∗3) Gold plated on pattern
(
∗4)
: Through holes
COMPONENT LIST
Form
Symbol
Value
Type code
Maker
Chip capacitor
C1, C2, C4, C5
1 000 pF
GRM40CH102J50PT
murata
C3
10 pF
GRM39CH100D50PT
murata
Feed-though Capacitor
C6
1 000 pF
DFT301-801
× 7R102S50
murata
Chip inductor
L1
2.7 nH
LL1608-FH2N7S
TOKO
L2
1.8 nH
LL1608-FH1N8S
TOKO
Data Sheet PU10063EJ02V0DS
9
µPC8178TK


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com