Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPC8178TK Datasheet HTML 11Page - Renesas Technology Corp UPC8178TK Datasheet HTML 12Page - Renesas Technology Corp UPC8178TK Datasheet HTML 13Page - Renesas Technology Corp UPC8178TK Datasheet HTML 14Page - Renesas Technology Corp UPC8178TK Datasheet HTML 15Page - Renesas Technology Corp UPC8178TK Datasheet HTML 16Page - Renesas Technology Corp UPC8178TK Datasheet HTML 17Page - Renesas Technology Corp UPC8178TK Datasheet HTML 18Page - Renesas Technology Corp UPC8178TK Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
VCC = 3.3 V
3.0 V
2.4 V
2.7 V
5
10
0
–5
–10
–15
–20
–25
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
5
10
0
–5
–10
–15
–20
–25
–30
010
–10
–20
–30
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
0
–10
–20
0
–10
–20
010
–10
–20
+25
°C
TA = –40
°C
+85
°C
OIP3 = 5.0 dBm
OIP3 = 4.2 dBm
OIP3 = 5.3 dBm
0
–10
–20
–30
0
–10
–20
IM3 (des)
Pout (des)
Pout (undes)
IM3 (undes)
Pout (des)
Pout (undes)
IM3 (des)
IM3 (undes)
IM3 (des)
IM3 (undes)
Pout (des)
Pout (undes)
Pout (des)
Pout (undes)
IM3 (des)
VCC = 3.0 V
f = 1.0 GHz
OIP3 = 3.5 dBm
VCC = 2.4 V
f1 = 1 000 MHz
f2 = 1 001 MHz
VCC = 3.3 V
f1 = 1 000 MHz
f2 = 1 001 MHz
IM3 (undes)
VCC = 3.0 V
f1 = 1 000 MHz
f2 = 1 001 MHz
VCC = 2.7 V
f1 = 1 000 MHz
f2 = 1 001 MHz
f = 1.0 GHz
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
13
µPC8178TK


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com