Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPC8178TK Datasheet HTML 20Page - Renesas Technology Corp UPC8178TK Datasheet HTML 21Page - Renesas Technology Corp UPC8178TK Datasheet HTML 22Page - Renesas Technology Corp UPC8178TK Datasheet HTML 23Page - Renesas Technology Corp UPC8178TK Datasheet HTML 24Page - Renesas Technology Corp UPC8178TK Datasheet HTML 25Page - Renesas Technology Corp UPC8178TK Datasheet HTML 26Page - Renesas Technology Corp UPC8178TK Datasheet HTML 27Page - Renesas Technology Corp UPC8178TK Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
0
–10
–20
–30
0
–10
–20
–30
0
–10
–20
Pout (undes)
Pout (des)
IM3 (des)
IM3 (undes)
OIP3 = 2.1 dBm
OIP3 = 1.1 dBm
IM3 (des)
IM3 (undes)
Pout (undes)
Pout (des)
IM3 (des)
IM3 (undes)
Pout (undes)
Pout (des)
OIP3 = 2.2 dBm
6.5
6
5.5
5
4.5
4
2
2.5
3
3.5
4
+25
°C
TA = +85
°C
–40
°C
f = 2.4 GHz
VCC = 3.0 V
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 3.0 V
TA = –40
°C
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 3.0 V
TA = +85
°C
f1 = 2 400 MHz
f2 = 2 401 MHz
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Output Power of Each Tone Pout (each) (dBm)
NOISE FIGURE vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
0
–10
–15
–5
–20
–25
0
5
10
15
20
25
30
40
45
50
35
2.4 V
2.7 V
VCC = 3.0 V
3.3 V
f1 = 2 400 MHz
f2 = 2 401 MHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
22
µPC8178TK


Similar Part No. - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
1Mb / 25P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TK-E2 CEL-UPC8178TK-E2 Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com