Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L19 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7L19
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L19 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7L19 Datasheet HTML 97Page - STMicroelectronics ST7L19 Datasheet HTML 98Page - STMicroelectronics ST7L19 Datasheet HTML 99Page - STMicroelectronics ST7L19 Datasheet HTML 100Page - STMicroelectronics ST7L19 Datasheet HTML 101Page - STMicroelectronics ST7L19 Datasheet HTML 102Page - STMicroelectronics ST7L19 Datasheet HTML 103Page - STMicroelectronics ST7L19 Datasheet HTML 104Page - STMicroelectronics ST7L19 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
ST7L15, ST7L19
101/138
OPERATING CONDITIONS (cont’d)
The RC oscillator and PLL characteristics are temperature-dependent.
13.3.1.1 Operating Conditions (tested for TA = -40 to +125°C) @ VDD = 4.5 to 5.5V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 21.
3. Minimum value is obtained for hot temperature and max value is obtained for cold temperature.
4. Data based on characterization results, not tested in production
5. Measurement made with RC calibrated at 1 MHz.
6. Guaranteed by design.
7. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
8. After the LOCKED bit is set ACCPLL is maximum 10% until tSTAB has elapsed. See Figure 11 on page 22.
Figure 61. Typical Accuracy with RCCR = RCCR0 vs VDD = 4.5 to 5.5V and Temperature
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fRC
1)
Internal RC oscillator frequency
RCCR = FF (reset value), TA = 25°C, VDD = 5V
700
kHz
RCCR = RCCR02 ), TA = 25°C, VDD = 5V
992
1000
1008
ACCRC
Accuracy of Internal RC oscillator
with RCCR = RCCR02)3)
TA = 25°C, VDD = 5V
-0.8
+0.8
%
TA = 25°C, VDD = 4.5 to 5.5V
4)
-1
+1
TA = -40 to +125°C, VDD = 4.5 to 5.5V
4)
-3.5
+7
IDD(RC)
RC oscillator current consumption
TA = 25°C, VDD =5V
6004)5)
µA
tsu(RC)
RC oscillator setup time
102)
µs
fPLL
x8 PLL input clock
1MHz
tLOCK
PLL Lock time8)
2
ms
tSTAB
PLL Stabilization time8)
4
ACCPLL x8 PLL Accuracy
fRC =1 MHz @ TA = 25°C, VDD = 4.5 to 5.5V
4)
0.17)
%
fRC =1 MHz @ TA = -40 to +125°C, VDD =5V
0.17)
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
6)
IDD(PLL) PLL current consumption
TA = 25°C
6004)
µA
-1.00%
-0.50%
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
3.00%
3.50%
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Vdd (V)
-45
-10
0
25
90
110
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com