Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L19 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7L19
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L19 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7L19 Datasheet HTML 104Page - STMicroelectronics ST7L19 Datasheet HTML 105Page - STMicroelectronics ST7L19 Datasheet HTML 106Page - STMicroelectronics ST7L19 Datasheet HTML 107Page - STMicroelectronics ST7L19 Datasheet HTML 108Page - STMicroelectronics ST7L19 Datasheet HTML 109Page - STMicroelectronics ST7L19 Datasheet HTML 110Page - STMicroelectronics ST7L19 Datasheet HTML 111Page - STMicroelectronics ST7L19 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
ST7L15, ST7L19
108/138
SUPPLY CURRENT CHARACTERISTICS (cont’d)
13.4.2 On-chip Peripherals
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer running in PWM
mode at fCPU =8 MHz.
2. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
13.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC and TA.
13.5.1 General Timings
Notes:
1. Guaranteed by Design. Not tested in production.
2. Data based on typical application software.
3. Time measured between interrupt event and interrupt vector fetch. Dtc(INST) is the number of tCPU cycles needed to
finish the current instruction execution.
13.5.2 Auto Wake-Up from Halt Oscillator (AWU)1)
Notes:
1. Guaranteed by Design. Not tested in production.
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current1)
fCPU =4 MHz
VDD = 3.3V
150
µA
fCPU =8 MHz
VDD = 5V
1000
IDD(SPI)
SPI supply current2)
fCPU =4 MHz
VDD = 3.3V
50
fCPU =8 MHz
VDD = 5V
200
IDD(ADC)
ADC supply current when converting3)
fADC =4 MHz
VDD = 3.3V
250
VDD = 5V
1100
Symbol
Parameter1)
Conditions
Min
Typ2)
Max
Unit
tc(INST)
Instruction cycle time
fCPU =8 MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time3)
tv(IT) = ∆tc(INST) + 10
10
22
tCPU
1.25
2.75
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fAWU
AWU oscillator frequency
50
125
250
kHz
tRCSRT
AWU oscillator start-up time
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com