Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL15F1MATRE Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST7FL15F1MATRE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MATRE Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST7FL15F1MATRE Datasheet HTML 119Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 120Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 121Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 122Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 123Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 124Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 125Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 126Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
ST7L15, ST7L19
123/138
10-BIT ADC CHARACTERISTICS (cont’d)
Table 21. ADC Accuracy with 3V < VDD < 3.6V
Table 22. ADC Accuracy with 4.5V < VDD < 5.5V
Notes:
1. Data based on characterization results over the whole temperature range, monitored in production.
2. ADC accuracy vs negative injection current: Injecting negative current on any of the analog input pins may reduce the
accuracy of the conversion being performed on another analog input.
The effect of negative injection current on robust pins is specified in section 13.11 on page 122
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in section 13.8 on page 113 does not
affect the ADC accuracy.
3. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C
to +125°C (± 3
σ distribution limits).
Figure 100. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Typ
Max3)
Unit
|ET|
Total unadjusted error
fCPU = 4 MHz, fADC = 2 MHz
1)2)
2.8
5.7
LSB
|EO|
Offset error
0.25
1.2
|EG|
Gain error
0.6
2.3
|ED|
Differential linearity error
2.9
5.6
|EL|
Integral linearity error
2.6
5.3
Symbol
Parameter
Conditions
Typ
Max3)
Unit
|ET|
Total unadjusted error
fCPU = 8 MHz, fADC = 4 MHz
1)2)
4
6
LSB
|EO|
Offset error
3
5
|EG|
Gain error
1
4
|ED|
Differential linearity error
1.5
3
|EL|
Integral linearity error
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET = Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO = Offset Error: deviation between the first actu-
al transition and the first ideal one.
EG = Gain Error: deviation between the last ideal
transition and the last actual one.
ED = Differential Linearity Error: maximum devia-
tion between actual steps and the ideal one.
EL = Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
234567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com