Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # LM741
Description  Single Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LM741 Datasheet HTML 1Page - Fairchild Semiconductor LM741 Datasheet HTML 2Page - Fairchild Semiconductor LM741 Datasheet HTML 3Page - Fairchild Semiconductor LM741 Datasheet HTML 4Page - Fairchild Semiconductor LM741 Datasheet HTML 5Page - Fairchild Semiconductor LM741 Datasheet HTML 6Page - Fairchild Semiconductor LM741 Datasheet HTML 7Page - Fairchild Semiconductor LM741 Datasheet HTML 8Page - Fairchild Semiconductor LM741 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
LM741 Rev. 2.0.0
Electrical Characteristics (Continued)
( 0
°C ≤ T
A ≤ 70 °C, VCC = ±15V, unless otherwise specified)
The following specification apply over the range of 0
°C ≤ T
A ≤ +70°C for the LM741C
Note :
1. Guaranteed by design.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
VIO
RS ≤ 50Ω
--
-
mV
RS ≤ 10kΩ
--
7.5
Input Offset Voltage Drift
∆V
IO/∆T-
-
-
µV/°C
Input Offset Current
IIO
--
-
300
nA
Input Offset Current Drift
∆I
IO/∆T-
-
-
nA/
°C
Input Bias Current
IBIAS
--
-
0.8
µA
Input Resistance (Note1)
RI
VCC = ±20V
-
-
-
M
Input Voltage Range
VI(R)
-
±12
±13
-
V
Output Voltage Swing
VO(P-P)
VCC =±20V
RS ≥ 10kΩ
--
-
V
RS ≥ 2kΩ
--
-
VCC =±15V
RS ≥ 10kΩ±12
±14
-
RS ≥ 2kΩ±10
±13
-
Output Short Circuit Current
ISC
-10
-
40
mA
Common Mode Rejection Ratio
CMRR
RS ≤ 10kΩ, VCM = ±12V
70
90
-
dB
RS ≤ 50Ω, VCM = ±12V
-
-
-
Power Supply Rejection Ratio
PSRR
VCC = ±20V to
±5V
RS ≤ 50Ω
--
-
dB
RS ≤ 10kΩ
77
96
-
Large Signal Voltage Gain
GV
RS ≥ 2kΩ
VCC = ±20V,
VO(P-P) = ±15V
--
-
V/mV
VCC = ±15V,
VO(P.P) = ±10V
15
-
-
VCC = ±15V,
VO(P-P) = ±2V
--
-


Similar Part No. - LM741

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
114Kb / 10P
Single Operational Amplifier
logo
Intersil Corporation
LM741 INTERSIL-LM741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Seoul Semiconductor
LM741 SEOUL-LM741 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM741 SEOUL-LM741 Datasheet
360Kb / 13P
CYAN LAMP LED
More results

Similar Description - LM741

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
Single Operational Amplifier
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com