Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2B7/XXX Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST72104G2B7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2B7/XXX Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST72104G2B7/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 105Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 106Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 107Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
104/140
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
14.4.3 HALT Mode
14.4.4 Supply and Clock Managers
The previous current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode).
14.4.5 On-Chip Peripherals
Notes:
1. Typical data are based on TA=25°C.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), CSS and LVD disabled. Data based on charac-
terization results, tested in production at VDD max. and fCPU max.
3. Data based on characterization results, not tested in production.
4. Data based on characterization results done with the external components specified in Section 14.5.3 and Section
14.5.4, not tested in production.
5. As the oscillator is based on a current source, the consumption does not depend on the voltage.
6. Data based on a differential IDD measurement between reset configuration (timer counter running at fCPU/4) and timer
counter stopped (selecting external clock capability). Data valid for one timer.
7. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
8. Data based on a differential IDD measurement between reset configuration and I2C peripheral enabled (PE bit set).
9. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
IDD
Supply current in HALT mode 2)
VDD=5.5V
-40°C
≤T
A≤+85°C
0
10
µA
-40°C
≤T
A≤+125°C
150
VDD=3.6V
-40°C
≤T
A≤+85°C
6
-40°C
≤T
A≤+125°C
100
Symbol
Parameter
Conditions
Typ 1)
Max 3)
Unit
IDD(CK)
Supply current of internal RC oscillator
500
750
µA
Supply current of external RC oscillator 4)
525
750
Supply current of resonator oscillator 4) & 5)
LP: Low power oscillator
MP: Medium power oscillator
MS: Medium speed oscillator
HS: High speed oscillator
200
300
450
700
400
550
750
1000
Clock security system supply current
150
350
IDD(LVD)
LVD supply current
HALT mode
100
150
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM)
16-bit Timer supply current 6)
fCPU=8MHz
VDD=3.4V
50
µA
VDD=5.0V
150
IDD(SPI)
SPI supply current 7)
fCPU=8MHz
VDD=3.4V
250
VDD=5.0V
350
IDD(I2C)
I2C supply current 8)
fCPU=8MHz
VDD=3.4V
250
VDD=5.0V
350
IDD(ADC)
ADC supply current when converting 9)
fADC=4MHz
VDD=3.4V
800
VDD=5.0V
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com