Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2B7/XXX Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72104G2B7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2B7/XXX Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72104G2B7/XXX Datasheet HTML 129Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 130Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 131Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 132Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 133Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 134Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 135Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 136Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
133/140
16 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM). FLASH devices are
shipped to customers with a default content (FFh),
while ROM factory coded parts contain the code
supplied by the customer. This implies that FLASH
devices have to be configured by the customer us-
ing the Option Bytes while the ROM devices are
factory-configured.
16.1 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes have no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST7 program-
ming tool). The default content of the FLASH is
fixed to FFh.
In masked ROM devices, the option bytes are
fixed in hardware by the ROM code (see option
list).
USER OPTION BYTE 0
Bit 7:2 = Reserved, must always be 1.
Bit 1 = EXTIT
External Interrupt Configuration.
This option bit allows the external interrupt map-
ping to be configured as shown in Table 24.
Table 24. External Interrupt Configuration
Bit 0 = FMP
Full memory protection.
This option bit enables or disables external access
to the internal program memory (read-out protec-
tion). Clearing this bit causes the erasing (to 00h)
of the whole memory (including the option byte).
0: Program memory not read-out protected
1: Program memory read-out protected
USER OPTION BYTE 1
Bit 7 = CFC
Clock filter control on/off
This option bit enables or disables the clock filter
(CF) features.
0: Clock filter enabled
1: Clock filter disabled
Bit 6:4 = OSC[2:0]
Oscillator selection
These three option bits can be used to select the
main oscillator as shown in Table 25.
Bit 3:2 = LVD[1:0]
Low voltage detection selection
These option bits enable the LVD block with a se-
lected threshold as shown in Table 26.
Bit 1 = WDG HALT
Watchdog and halt mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Bit 0 = WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Table 25. Main Oscillator Configuration
Table 26. LVD Threshold Configuration
External IT0
External IT1
EXTIT
Ports PA7-PA0
Ports PB7-PB0
Ports PC5-PC0
1
Ports PA7-PA0
Ports PC5-PC0
Ports PB7-PB0
0
Selected Oscillator
OSC2 OSC1 OSC0
External Clock (Stand-by)
11
1
~4 MHz Internal RC
11
0
1~14 MHz External RC
10
X
Low Power Resonator (LP)
01
1
Medium Power Resonator (MP)
01
0
Medium Speed Resonator (MS)
00
1
High Speed Resonator (HS)
00
0
Configuration
LVD1 LVD0
LVD Off
11
Highest Voltage Threshold (
∼4.50V)
10
Medium Voltage Threshold (
∼4.05V)
01
Lowest Voltage Threshold (
∼3.45V)
00
USER OPTION BYTE 0
70
USER OPTION BYTE 1
70
Reserved
EXTIT FMP
CFC
OSC
2
OSC
1
OSC
0
LVD1 LVD0
WDG
HALT
WDG
SW
Default
Value
1111
11
1
0111
01111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com