Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G1M7/XXX Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST72104G1M7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1M7/XXX Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST72104G1M7/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 105Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 106Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 107Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 108Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 109Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 110Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 111Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
108/140
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Table 22. Typical Ceramic Resonators for Automotive Applications
Notes:
1. Murata Ceralock (refer to Table 23 for correlation factor)
2. VDD 4.5 to 5.5V
3. Values in parentheses refer to the capacitors integrated in the resonator
Figure 65. Typical Application with Ceramic Resonator
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to ceramic resonator manufacturer for more details.
Option Byte
Config.
fOSC
(MHz)
Resonator Part Number1
CL1
[pF]3
CL2
[pF]3
RFEXT
[k
Ω]
RD
[k
Ω]
LP
1
CSB1000JA
100
100
Open
3.3
CSBF1000JA
2
CSTS0200MGA06
(47)
(47)
0
CSTCC2.00MGA0H6
MP
2
CSTS0200MGA06
CSTCC2.00MGA0H6
4
CSTS0400MGA06
CSTCC4.00MGA0H6
MS
4
CSTS0400MGA06
CSTCC4.00MGA0H6
8
CSTS0800MGA06
CSTCC8.00MGA0H6
HS
8
CSTS0800MGA06
CSTCC8.00MGA0H6
10
CSTS1000MGA03
(15)
(15)
CSTCC10.0MGA
12
CST12.0MTWA
30
30
CSTCS12.0MTA
(30)
(30)
162
CSA16.00MXZA040
15
15
CST16.00MXWA0C3
(15)
(15)
CSACV16.00MXA040Q
15
15
10
CSTCV16.00MXA0H3Q
(15)
(15)
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
RD
RF(EXT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com