Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G1M7/XXX Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72104G1M7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1M7/XXX Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72104G1M7/XXX Datasheet HTML 115Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 116Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 117Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 118Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 119Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 120Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 121Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 122Page - STMicroelectronics ST72104G1M7/XXX Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
119/140
I/O PORT PIN CHARACTERISTICS (Cont’d)
14.8.2 Output Driving Current
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 80. Typical VOL at VDD=5V (standard)
Figure 81. Typical VOL at VDD=5V (high-sink)
Figure 82. Typical VDD-VOH at VDD=5V
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 14.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 14.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 80 and Figure 83)
IIO=+5mA TA≤85°C
TA≥85°C
1.3
1.5
V
IIO=+2mA TA≤85°C
TA≥85°C
0.65
0.75
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 81 and Figure 84)
IIO=+20mA,TA≤85°C
TA≥85°C
1.5
1.7
IIO=+8mA TA≤85°C
TA≥85°C
0.75
0.85
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 82 and Figure 85)
IIO=-5mA, TA≤85°C
TA≥85°C
VDD-1.6
VDD-1.7
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
02
468
10
Iio [mA]
0
0.5
1
1.5
2
2.5
Vol [V] at Vdd=5V
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
0
5
10
15
20
25
30
Iio [mA]
0
0.5
1
1.5
2
Vol [V] at Vdd=5V
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
-8
-6
-4
-2
0
Iio [mA]
1
2
3
4
5
6
Vdd-Voh [V] at Vdd=5V
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com