Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4TA Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72F324J4TA
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4TA Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72F324J4TA Datasheet HTML 149Page - STMicroelectronics ST72F324J4TA Datasheet HTML 150Page - STMicroelectronics ST72F324J4TA Datasheet HTML 151Page - STMicroelectronics ST72F324J4TA Datasheet HTML 152Page - STMicroelectronics ST72F324J4TA Datasheet HTML 153Page - STMicroelectronics ST72F324J4TA Datasheet HTML 154Page - STMicroelectronics ST72F324J4TA Datasheet HTML 155Page - STMicroelectronics ST72F324J4TA Datasheet HTML 156Page - STMicroelectronics ST72F324J4TA Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 163 page
background image
ST72324
153/163
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
Table 27. Standard and Industrial ST72F324 Flash Order Codes
Table 28. Automotive Flash Order Codes
Part Number
Package
Flash Memory (KBytes)
Temp. Range
ST72F324K2B5
SDIP32
8
-10°C +85°C
ST72F324K4B5
16
ST72F324K6B5
32
ST72F324J6B5
SDIP42
32
ST72F324K6T5
TQFP32
32
-10°C +85°C
ST72F324K2T6
8
-40°C +85°C
ST72F324K4T6
16
ST72F324K6T6
32
ST72F324K2T3
8
-40°C +125°C
ST72F324K4T3
16
ST72F324K6T3
32
ST72F324J6T5
TQFP44
32
-10°C +85°C
ST72F324J2T6
8
-40°C +85°C
ST72F324J4T6
16
ST72F324J6T6
32
ST72F324J2T3
8
-40°C +125°C
ST72F324J4T3
16
ST72F324J6T3
32
Part Number
Package
Flash Memory (KBytes)
Temp. Range
ST72F324K2TA
TQFP32
8
-40°C +85°C
ST72F324K4TA
16
ST72F324K6TA
32
ST72F324K6TC
32
-40°C +125°C
ST72F324J2TA
TQFP44
8
-40°C +85°C
ST72F324J4TA
16
ST72F324J6TA
32
ST72F324J6TC
32
-40°C +125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com