Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J4TA Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST72F324J4TA
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4TA Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST72F324J4TA Datasheet HTML 155Page - STMicroelectronics ST72F324J4TA Datasheet HTML 156Page - STMicroelectronics ST72F324J4TA Datasheet HTML 157Page - STMicroelectronics ST72F324J4TA Datasheet HTML 158Page - STMicroelectronics ST72F324J4TA Datasheet HTML 159Page - STMicroelectronics ST72F324J4TA Datasheet HTML 160Page - STMicroelectronics ST72F324J4TA Datasheet HTML 161Page - STMicroelectronics ST72F324J4TA Datasheet HTML 162Page - STMicroelectronics ST72F324J4TA Datasheet HTML 163Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 162 / 163 page
background image
ST72324
162/163
17 REVISION HISTORY
Table 34. Revision History
Date
Revision
Description of Changes
05-May-2004
2.0
Merged ST72F324 Flash with ST72324B ROM datasheet.
Vt POR max modified in Section 12.4 on page 119
Added Figure 78 on page 137
Modified VAREF min in “10-BIT ADC CHARACTERISTICS” on page 142
Modified I INJ for PB0 in Section 12.9
Added “Clearing active interrupts outside interrupt routine” on page 159
Modified “32K ROM DEVICES ONLY” on page 164
30-Mar-2005
3
Removed Clock Security System (CSS) throughout document
Added notes on ST72F324B 8K/16K Flash devices in Table 1 and Table 27
Corrected MCO description in Table 1 and Section 10.2
Modified VtPOR in Section 12.4 on page 119
Static current consumption modified in Section 12.9 on page 133
Updated footnote and Figure 77 and Figure 78 on page 137
Modified Soldering information in Section 13.3
Updated Section 14 on page 150
Added Table 27
Modified Figure 7 and note 4 in “FLASH PROGRAM MEMORY” on page 17
Added limitation on ICC entry mode with 39 pulses to “KNOWN LIMITATIONS” on
page 159
Added Section 16 on page 161 for ST72F324B 8K/16K Flash devices
Modified “Internal Sales Types on box label” in Table 29
08-Nov-2005
4
Removed information on ST72F324B and ROM devices (now in separate datasheet)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com