Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2B6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72F262G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2B6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72F262G2B6 Datasheet HTML 127Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 128Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 129Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 130Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 131Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 132Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 133Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 134Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
131/172
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode for which the clock is stopped).
13.4.1 RUN, SLOW, WAIT and SLOW WAIT Modes
TA = -40 to +85°C unless otherwise specified
Notes:
1. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Program executed from RAM, CPU running with memory access, all I/O pins in input mode with a static value at VDD
or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, LVD disabled.
3. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1)
driven by external square wave, LVD disabled.
4. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Max
Unit
∆I
DD(
∆Ta)
Supply current variation vs. temperature
Constant VDD and fCPU
10
%
Symbol
Parameter
Conditions
FLASH
ROM
Unit
Typ
Max
Typ
Max
Unit
IDD
Supply current in RUN
mode 2)
(see Figure 66)
VDD=5.5V,fOSC=16MHz, fCPU=8MHz
VDD=2.7V, fOSC=8MHz, fCPU=4MHz
7.2
3.5
111)
5.254)
5.0
1.2
TBD
mA
Supply current in SLOW
mode 3)
(see Figure 67)
VDD=5.5V, fOSC=16MHz, fCPU=500kHz
VDD=2.7V, fOSC=8MHz, fCPU=250kHz
0.7
0.38
1.21)
0.64)
0.5
0.13
TBD
Supply current in WAIT
mode 2)
(see Figure 68)
VDD=5.5V,fOSC=16MHz, fCPU=8MHz
VDD=2.7V, fOSC=8MHz, fCPU=4MHz
3.6
1.8
5.551)
34)
2.3
0.5
TBD
Supply current in SLOW
WAIT mode 3)
(see Figure 69)
VDD=5.5V, fOSC=16MHz, fCPU=500kHz
VDD=2.7V, fOSC=8MHz, fCPU=250kHz
0.45
0.25
11)
0.54)
0.33
0.08
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com