Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2B6 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72F262G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2B6 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72F262G2B6 Datasheet HTML 151Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 152Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 153Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 154Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 155Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 156Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 157Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 158Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
155/172
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
13.11.2 I2C - Inter IC Control Interface
Subject to general operating conditions for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(SDAI and SCLI). Refer to Table 26 for the speed
conditions. The ST7 I2C interface meets the re-
quirements of the Standard I2C communication
protocol described in the following table.
Figure 96. Typical Application with I2C Bus and Timing Diagram 4)
Notes:
1. Data based on standard I2C protocol requirement, not tested in production.
2. The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined
region of the falling edge of SCL.
3. The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of
SCL signal.
4. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
5. At 4MHz fCPU, max.I
2C speed (400kHz) is not achievable. In this case, max. I2C speed will be approximately 260KHz.
Symbol
Parameter
Standard mode I2C
Fast mode I2C5)
Unit
Min 1)
Max 1)
Min 1)
Max 1)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0 3)
0 2)
900 3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
20+0.1Cb
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
µs
tw(STO:STA) STOP to START condition time (bus free)
4.7
1.3
µs
Cb
Capacitive load for each bus line
400
400
pF
REPEATED START
START
STOP
START
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCK)
tr(SCK)
tw(SCKL)
tw(SCKH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
Ω
SDAI
ST72XXX
SCLI
VDD
100
Ω
100
Ω
VDD
4.7k
Ω
I2CBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com