Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2B6 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72F262G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2B6 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72F262G2B6 Datasheet HTML 156Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 157Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 158Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 159Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 160Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 161Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 162Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 163Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
160/172
Figure 104. Low Profile Fine Pitch Ball Grid Array Package
14.2 THERMAL CHARACTERISTICS
Notes:
1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD)
and PPORT is the port power dissipation determined by the user.
2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA.
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.210
1.700 0.048
0.067
A1
0.270
0.011
A2
1.120
0.044
b
0.450 0.500 0.550 0.018 0.020 0.022
D
5.750 6.000 6.150 0.226 0.236 0.242
D1
4.000
0.157
E
5.750 6.000 6.150 0.226 0.236 0.242
E1
4.000
0.157
e
0.720 0.800 0.880 0.028 0.031 0.035
f
0.850 1.000 1.150 0.033 0.039 0.045
ddd
0.120
0.005
∅b (36 BALLS)
BOTTOM VIEW
A1 CORNER INDEX AREA
(SEE NOTE 3)
SEATING
PLANE
C
D
D1
e
f
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance (junction to ambient)
SDIP32
SO28
LFBGA 6x6 (on multilayer PCB)
LFBGA 6x6 (on single-layer PCB)
60
75
56
72
°C/W
PD
Power dissipation 1)
500
mW
TJmax
Maximum junction temperature 2)
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com