Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822QPRO Datasheet(PDF) 115 Page - ESS Technology,Inc

Part # ES9822QPRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822QPRO Datasheet(HTML) 115 Page - ESS Technology,Inc

Back Button ES9822QPRO Datasheet HTML 111Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 112Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 113Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 114Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 115Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 116Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 117Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 118Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 119Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
115
ES9822 PRO Product Datasheet
RPC-2 Pb-Free Process – Classification Temperatures (Tc)
Package Thickness
Volume mm3, <350
Volume mm3, 350 to 2000
Volume mm3, >2000
<1.6 mm
260°C
260°C
260°C
1.6 mm – 2.5 mm
260°C
250°C
245°C
>2.5 mm
250°C
245°C
245°C
Table 29 - RPC-2 Pb-Free Process
At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body temperature (Tp) can exceed the
values specified in Table RPC-2. The use of a higher Tp does not change the classification temperature (Tc).
Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or nonintegral heat sinks.
The maximum component temperature reached during reflow depends on package thickness and volume. The use of convection reflow processes
reduces the thermal gradients between packages. However, thermal gradients due to differences in thermal mass of SMD packages may still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com