Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-5962D9569301VXC Datasheet(PDF) 5 Page - Intersil Corporation

Part # Q-5962D9569301VXC
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

Q-5962D9569301VXC Datasheet(HTML) 5 Page - Intersil Corporation

  Q-5962D9569301VXC Datasheet HTML 1Page - Intersil Corporation Q-5962D9569301VXC Datasheet HTML 2Page - Intersil Corporation Q-5962D9569301VXC Datasheet HTML 3Page - Intersil Corporation Q-5962D9569301VXC Datasheet HTML 4Page - Intersil Corporation Q-5962D9569301VXC Datasheet HTML 5Page - Intersil Corporation Q-5962D9569301VXC Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FN3544.4
March 13, 2006
Irradiation Circuit
Burn-In/Life Test Circuits
DYNAMIC AND LIFE TEST
NOTES:
1. The Dynamic Test Circuit is utilized for all life testing.
2. V1 = +15V minimum, +16V maximum.
3. V2 = -15V maximum, -16V minimum.
4. R1, R2 = 10k
Ω, ±5%, 1/4 or 1/2W (per socket).
5. C1, C2 = 0.01
µF minimum (per socket) or 0.1µF minimum
(per row).
6. D1, D2 = 1N4002 or equivalent (per board).
7. F0 = 100kHz, 10%; F1 = F0/2; F2 = F1/2; F3 = F2/2; F4 = F3/2
40% - 60% duty cycle; VIL = 0.8V maximum;
VIH = 4.0V minimum.
STATIC
NOTES:
8. V1 =
+5V minimum, +6V maximum.
9. V2 =
+15V minimum, +16V maximum.
10. V3 = -15V maximum, -16V minimum.
11. R1, R2 = 10k
Ω, ±5%, 1/4 or 1/2W (per socket).
12. C1, C2 = 0.01
µF minimum (per socket) or 0.1µF minimum
(per row).
13. D1, D2 = 1N4002 or equivalent (per board).
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D2 C2
V2
R2
R1
D1
C1
F3
V1
F4
F0
F1
F2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D2 C2
V3
R2
R1
D1
C1
V2
V1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10k
+15V
+1V
+5V
NC
-15V
10k
HS-0546RH, HS-0547RH


Similar Part No. - Q-5962D9569301VXC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
Q-50 TEC-Q-50 Datasheet
1Mb / 8P
   HARTMAN Sensors and Protective Devices
Q-50A TEC-Q-50A Datasheet
1Mb / 8P
   HARTMAN Sensors and Protective Devices
Q-50AB-1 TEC-Q-50AB-1 Datasheet
1Mb / 8P
   HARTMAN Sensors and Protective Devices
Q-50AB-2 TEC-Q-50AB-2 Datasheet
1Mb / 8P
   HARTMAN Sensors and Protective Devices
logo
Tyco Electronics
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products
More results

Similar Description - Q-5962D9569301VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
logo
Harris Corporation
HI-506L HARRIS-HI-506L Datasheet
448Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
HI3-506L HARRIS-HI3-506L Datasheet
458Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com