Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J-300 Datasheet(PDF) 3 Page - NTE Electronics

Part # J-300
Description  BUTANE FUEL CONTAINED IN J-300 & JT-004
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

J-300 Datasheet(HTML) 3 Page - NTE Electronics

  J-300 Datasheet HTML 1Page - NTE Electronics J-300 Datasheet HTML 2Page - NTE Electronics J-300 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6. HEALTH HAZARD DATA
SUGGESTED EXPOSURE GUIDELINE: 800ppm
ROUTE
EFFECT OF OVEREXPOSURE
EMERGENCY FIRST AID
PROCEDURE
EYES
The gas phase is not expected to cause
eye irritation. However the liquid can
frostbite and burns.
Flush with water and call physician.
SKIN
Contact with liquefied gas or gas under
pressure may cause skin burns and
frostbite.
Treat burned skin or frostbitten
skin, by flushing or immersing
affected areas in lukewarm water
and
stimulate
circulation
with
massage. Seek immediate medical
attention.
INHALATION
This product is asphyxiate and may
exhibit anesthetic properties at very high
concentrations. Initial symptoms at these
concentrations are disorientation, lack of
coordination, rapid respiration, headache,
and nausea, Continued exposure may
result in unconsciousness, coma, and
possible death.
Remove to fresh air. Artificial
respiration, consult physician.
CARCINOGENITY
None of the components in this material;
are listed by IARC, NTP, OSHA, or
ACGIH as carcinogen.
None
INGESTION
NONE
Product is gaseous at normal
temperature and pressure. Exhibited
no cardiac or pulmonary function
abnormalities.
7. SPRECIAL PROTECTION CONTROL MEASURES
RESPIRATION PROTECTION:
If TLV is exceeded wear NIOSH-approved self-contained breathing
device or respirator.
PROTECTIE GLOVES:
None needed for normal use. Solvent resistant rubber type recommended
for prolonged exposure.
VENTILATION TYPE:
Must be adequate to maintain vapors at less than 800 ppm, particularly at
floor level as vapors are heavier than air.
EYE PROTECTION:
Safety glasses or goggles recommended.
SPECIAL PRCAUTIONS:
Do not use near heat, flame or sparks,. Avoid excessive breathing of
vapor. Do not spray in direction of body. Use only in accordance with
directions.
The information contained herein is based on data considered accurate. However, no warranty, expressed or
implied, is given regarding the accuracy of these data or the results to be obtained from the use thereof.


Similar Part No. - J-300

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
J-3-PK-3 FESTO-J-3-PK-3 Datasheet
96Kb / 1P
   Pneumatic valve
logo
Molex Electronics Ltd.
J-385-12 MOLEX4-J-385-12 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
J-385-14 MOLEX4-J-385-14 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
J-385-38 MOLEX4-J-385-38 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
J-385-56 MOLEX4-J-385-56 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results

Similar Description - J-300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T0050100299 ETC2-T0050100299 Datasheet
329Kb / 2P
   RTM 004 B
T0050104999 ETC2-T0050104999 Datasheet
354Kb / 2P
   RTU 004 C MS
logo
TE Connectivity Ltd
CAT-ATS0040 TEC-CAT-ATS0040 Datasheet
97Kb / 1P
   WATER IN FUEL DETECTION SENSOR
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
logo
List of Unclassifed Man...
T0050101699 ETC2-T0050101699 Datasheet
363Kb / 2P
   RTP 004 C MS
logo
Banner Engineering Corp...
BWA-ANTKIT-004 BANNER-BWA-ANTKIT-004 Datasheet
101Kb / 1P
   Antenna Kit BWA-ANTKIT-004
logo
Murata Manufacturing Co...
NCP18XW682J03RB MURATA-NCP18XW682J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18WD683E03RB MURATA-NCP18WD683E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18WM474E03RB MURATA-NCP18WM474E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XM331E03RB MURATA-NCP18XM331E03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com