Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS028 Datasheet(PDF) 2 Page - STEGO Elektrotechnik GmbH

Part # CS028
Description  COMPACT SEMICONDUCTOR FAN HEATER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CS028 Datasheet(HTML) 2 Page - STEGO Elektrotechnik GmbH

  CS028 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
25
65
92
65
87
32
85
113
85
107
32
STEGO - PRODUCT CATALOGUE
HEATING
Air duct for improved heat distribution
The air duct is an accessory part for use with the fan heater CSL 028.
It can easily be clipped onto the protective grille of the fan heater
without use of any tools, and diverts the exiting warm air by 45°. This
results in an overall improved heat distribution within an enclosure or
cabinet. The temperature above the protective grille is reduced by up
to 20 °C (measured 100 mm above protective grille) and may make
the use of a heat conduction plate obsolete.
Art. No.
Dimensions²
Plastic
1 Packing unit
Weight (approx.)
252017
85 x 85 x 12 mm
according to UL94 V-0, black
1 piece
35 g
2
Dimensions when mounted on fan heater.
Air duct Art. No. 252017
Fan heater with air duct
ACCESSORY PART FOR FAN HEATER CSL 028
TECHNICAL DRAWINGS
CLIP FIXING
SCREW FIXING
Fan Heater CS 028
Fan Heater CS 028
Fan Heater CSL 028
Fan Heater CSL 028
View: back side
View: back side
View: back side
View: back side
25
TECHNICAL DATASHEET



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com