Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 369 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 369 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 365Page - STMicroelectronics ST92F124_06 Datasheet HTML 366Page - STMicroelectronics ST92F124_06 Datasheet HTML 367Page - STMicroelectronics ST92F124_06 Datasheet HTML 368Page - STMicroelectronics ST92F124_06 Datasheet HTML 369Page - STMicroelectronics ST92F124_06 Datasheet HTML 370Page - STMicroelectronics ST92F124_06 Datasheet HTML 371Page - STMicroelectronics ST92F124_06 Datasheet HTML 372Page - STMicroelectronics ST92F124_06 Datasheet HTML 373Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 429 page
background image
369/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
CHANNEL 12 DATA HIGH REGISTER (D12HR)
R248 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D12.[9:2]: Channel 12 9:2 bit Data
CHANNEL 12 DATA LOW REGISTER (D12LR)
R249 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:6 = D12.[1:0]: Channel 12 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 13 DATA HIGH REGISTER (D13HR)
R250 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D13.[9:2]: Channel 13 9:2 bit Data
CHANNEL 13 DATA LOW REGISTER (D13LR)
R251 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D13.[1:0]: Channel 13 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 14 DATA HIGH REGISTER (D14HR)
R252 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D14.[9:2]: Channel 14 9:2 bit Data
CHANNEL 14 DATA LOW REGISTER (D14LR)
R253 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D14.[1:0]: Channel 14 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 15 DATA HIGH REGISTER (D15HR)
R254 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D15.[9:2]: Channel 15 9:2 bit Data
CHANNEL 15 DATA LOW REGISTER (D15LR)
R255- Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D15.[1:0]: Channel 15 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
Note: If only 8-bit accuracy is required, each Data
High Register can be used to get the conversion
result, ignoring the corresponding DxLR register
content.
70
D12.9 D12.8 D12.7 D12.6 D12.5 D12.4 D12.3 D12.2
70
D12.1 D12.0
0
0
0
0
0
0
70
D13.9 D13.8 D13.7 D13.6 D13.5 D13.4 D13.3 D13.2
70
D13.1 D13.0
0
0
0
0
0
0
70
D14.9 D14.8 D14.7 D14.6 D14.5 D14.4 D14.3 D14.2
70
D14.1 D14.0
0
0
0
0
0
0
70
D15.9 D15.8 D15.7 D15.6 D15.5 D15.4 D15.3 D15.2
70
D15.1 D15.0
0
0
0
0
0
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com