Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 428 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 428 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 421Page - STMicroelectronics ST92F124_06 Datasheet HTML 422Page - STMicroelectronics ST92F124_06 Datasheet HTML 423Page - STMicroelectronics ST92F124_06 Datasheet HTML 424Page - STMicroelectronics ST92F124_06 Datasheet HTML 425Page - STMicroelectronics ST92F124_06 Datasheet HTML 426Page - STMicroelectronics ST92F124_06 Datasheet HTML 427Page - STMicroelectronics ST92F124_06 Datasheet HTML 428Page - STMicroelectronics ST92F124_06 Datasheet HTML 429Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 428 / 429 page
background image
428/429
ST92F124/F150/F250 - REVISION HISTORY
14 REVISION HISTORY
Table 77. Revision History
Date
Revision
Main Changes
28-Oct-2004
3
Revision number incremented from 1.5 to 3.0 due to Internal Document Man-
agement System change
Changed document status: Datasheet instead of Preliminary Data
Added 2EFT for TQFP64 devices
Changed description in Section 1.2.2 on page 11
Replaced 1 by DPR1 in Page 21 column (Figure 26 on page 43)
Removed references to sector 2 (mirrored) in Figure 30 on page 50, Table 7
on page 52. and Figure 41 on page 71
Removed formula in the description of I2CCCR on page 277 and added Ta-
ble 70 on page 399.
Removed “mask option” in the description of ETO bit on page 148
Changed “INTCLK range” table (FREQ[2:0] bits) on page 278
Replaced RX by REC and TX by TRAN in CMSR register on page 344
Changed Section 10.11 on page 362 (added divider/2) and Table 69 on
page 372.
Changed “FLASH / E3 TM SPECIFICATIONS” on page 381
Changed IIO values in “DC ELECTRICAL CHARACTERISTICS” on page 377
Added Table , “BOOTROM TIMING TABLE,” on page 385
Changed ACD Accuracy table on page 402
Changed Table 73 on page 407.
Added Section 13 on page 408
19-Nov-2004
4
Changed Table 69 on page 372.
16-Nov-2006
5
Replaced TQFP by LQFP
Modified reset state and WPU columns for Port 1[7:3] in Table 3 on page 24
Modified silicon revision list in Section 13 on page 408
Added Table 74 on page 408
Added Section 13.7 on page 419
Removed P1 I/O port characteristics section in “EMULATION CHIP LIMITA-
TIONS” on page 423: limitation now described in Section 13.8.1 on page 423
and changed according to modifications made to Table 3 on page 24.
Added two part numbers: ST92F124R1C6 (128K/LQFP64) and
ST92F124V1Q6 (128K/LQFP100)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com