Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 364 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 364 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 360Page - STMicroelectronics ST92F124 Datasheet HTML 361Page - STMicroelectronics ST92F124 Datasheet HTML 362Page - STMicroelectronics ST92F124 Datasheet HTML 363Page - STMicroelectronics ST92F124 Datasheet HTML 364Page - STMicroelectronics ST92F124 Datasheet HTML 365Page - STMicroelectronics ST92F124 Datasheet HTML 366Page - STMicroelectronics ST92F124 Datasheet HTML 367Page - STMicroelectronics ST92F124 Datasheet HTML 368Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 429 page
background image
364/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
ANALOG TO DIGITAL CONVERTER (Cont’d)
The effect of either of these synchronisation
modes is to set the ST bit by hardware. This bit is
reset, in Single Mode only, at the end of each
group of conversions. In Continuous Mode, all trig-
ger pulses after the first are ignored.
The synchronisation sources must be at a logic
low level for at least the duration of two INTCLK
cycles and, in Single Mode, the period between
trigger pulses must be greater than the total time
required for a group of conversions. If a trigger oc-
curs when the ST bit is still set, i.e. when a conver-
sion is still in progress, it will be ignored.
Note: The external trigger will set the CLR2.ST bit
even if the CLR2.POW is reset.
10.11.3.3 Analog Watchdog
Two internal Analog Watchdogs are available for
highly flexible automatic threshold monitoring of
external analog signal levels. Depending on the
value of the CC[3:0] bits in Control Logic Register1
these two watchdog are mapped onto 2 of the 16
available adjacent channels, allowing the user to
set the channel to be monitored. Refer to Table 68
to see the possible choices for this feature.
Analog watchdog channels (named as A and B)
monitor an acceptable voltage level window for the
converted analog inputs. The external voltages
applied to inputs A and B are considered normal
while they remain below their respective Upper
thresholds, and above or at their respective Lower
thresholds.
When the external signal voltage level is greater
than, or equal to, the upper programmed voltage
limit, or when it is less than the lower programmed
voltage limit, a maskable interrupt request is gen-
erated and the Compare Results Register is up-
dated in order to flag the threshold (Upper or Low-
er) and channel (A or B) responsible for the inter-
rupt. The four threshold voltages are user pro-
grammable in dedicated registers pairs (R244 to
R251, page 63). Only the 4 MSBs of the Compare
Results Register are used as flags, each of the
four MSBs being associated with a threshold con-
dition.
Following a reset, these flags are reset. During
normal ADC operation, the CRR bits are set, in or-
der to flag an out of range condition and are auto-
matically reset by hardware after a software reset
of the Analog Watchdog Request flag in the ICR
Register.
10.11.3.4 Power Down Mode
Before enabling an ADC conversion, the POW bit
of the Control Logic Register must be set; this
must be done at least 10
µs before the first conver-
sion start, in order to correctly bias the analog sec-
tion of the converter circuitry.
When the ADC is not required, the POW bit may
be reset in order to reduce the total power con-
sumption. This is the reset configuration, and this
state is also selected automatically when the ST9
is placed in Halt Mode (following the execution of
the halt instruction).
Figure 156. Analog Watchdog Function
Figure 157. ADC Trigger Source
Analog Voltage
Upper Threshold
Lower Threshold
Normal Area
(Window Guarded)
Ext. Trigger Enable
ADC Trigger
Int. Trigger Enable
On-Chip Event
Software Trigger
Start group of conversions
Continuous or Single mode
EXTRG
MFT0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com