Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 425 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 425 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 421Page - STMicroelectronics ST92F124 Datasheet HTML 422Page - STMicroelectronics ST92F124 Datasheet HTML 423Page - STMicroelectronics ST92F124 Datasheet HTML 424Page - STMicroelectronics ST92F124 Datasheet HTML 425Page - STMicroelectronics ST92F124 Datasheet HTML 426Page - STMicroelectronics ST92F124 Datasheet HTML 427Page - STMicroelectronics ST92F124 Datasheet HTML 428Page - STMicroelectronics ST92F124 Datasheet HTML 429Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 425 / 429 page
background image
425/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Figure 8. Impact of negative current injection on adjacent pin
Impact on application
If the adjacent I/O is used as an analog input (Port
7 and 8 only), the current drawn through the ex-
ternal resistor generates a difference in potential,
resulting in a conversion error.
13.8.5 I2CECCR REGISTER LIMITATION
It is not possible to write to the CC7 and CC8 bits
in the I2CECCR register. These bits remain at
their reset value (0).
Impact on application
The baudrate prescaler cannot be higher than 258
(CC8:7=0 and CC6:0=1). As a consequence, the
baudrate cannot be lower than fSCL=INTCLK/258
Workaround
None.
13.8.6 I2C BEHAVIOUR DISTURBED DURING
DMA TRANSACTIONS
Description
If a DMA transfer occurs on SCI-M, MFT or J1850
during I2C transmission or reception, I2C periph-
eral may be disturbed.
In transmission mode, additional bytes can be ob-
served on I2C lines (SDA and SCL). In reception
mode, additional bytes can be seen in the I2CDR
register.
Workaround
Avoid using DMA transfer while I2C peripheral is
running.
13.8.7 MFT DMA MASK BIT RESET
The limitation described in Section 13.7 on page
419 applies whatever the MFT0 DMA priority level.
13.8.8 DMA DATA CORRUPTED BY MFT INPUT
CAPTURE
Description
If the MFT requests a DMA transfer following an
input capture event and while a DMA transfer is
currently ongoing to or from another peripheral
(SCI-M, I2C, or second MFT), the DMA data is cor-
rupted (overwritten by the captured data).
Workaround
Avoid using the MFT Input Capture function in
DMA mode while another peripheral is in DMA
mode.
0
50
100
150
200
250
300
350
0
5
10
15
20
25
30
Current injection (mA)
Current drawn
from adjacent
pin (uA,
absolute
value)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com