Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0009 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWCC0009
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0009 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWCC0009 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
! "
#
$
%
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
& '
*
! " # $%&
"
'
(
")
( *
7
9
* ' 456
9
( ' 456
3
3
I
I
0 *
0 (
0 &
* 1
9
* ' 456
9
( ' 456
3
3
(*
*1
(1
*-
I
I
28C A
A+0 A+/
A+0 A+/
A+
A+
9
( ' 456
9
( ' 456
9
* ' 456
9
( ' 456
A
A
A
A
I
I
I
I
0 *%0
0 /%0
0 *%0
0 )%0
0 )%0
0 &%0
0 1%0
* *%0
8
8
0
$
$
$
$
$
0'= -'= !-'= 0'=
1'= $$7
-'= 0'= A+
"
2
I
I
I
01
1'
1'
1'
01'
01'
0 3
'1 456
1 ( ' 456
3
3
I
I
J*'
J*.
I
I
;(
$
' '1 456
J1 3
' 1 ( ' 456
3
3
I
I
J(1
J/)
I
I
2
I
2
J/ 1
J1 '
J1 1
2FF
I
2
& '
1 '
/ .1
2 7
2 5
7 C
5 45
2
2
' '
* '
I
I
' &
1 '
7
2
H 2
4:9
0 '
I
0 '
<
8
2
H 2
4:9
I
*1'
/''
8
;
$$7
;
2
H
,!2
H 2
* 0 2
I
I
0 '
FF
2FF
,!2
H 2 7
2 5
0 '
' *
I
0 9
0 K+
E
( *
+
$,
-,
.
( *
,
;
' '1 456
' 1 ( ' 456
J*. 3
J(/ 3
2
' 12 L2
LJ. '2
2FF
& 12 L2FF LJ' 12
2
2FF
' 12 L2
2FF L0/ 12
2
1
' 12 L2
L2
J ' 12
$
/'M
J&1M
8
$
)1M
J0*1M
* F,
"
(
"
/ C
A+
!
"
,
J(' 3
1 8
8 $$7
!
"
"
/ 0
1
""2
+
" !
0
*
(
/
A+0
A+*
A+(
A+/
0
'
'
'
'
0
'
'
'
'
0
'
'
'
'
0
' H $$77
N0 H $$75



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com