Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 166Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 184 page
background image
56F8367 Technical Data, Rev. 8
170
Freescale Semiconductor
Preliminary
Table 11-2 56F8367 -160 MAPBGA Package Identification by Pin Number
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
F4
VDD_IO
K11
VSS
N12
PWMA5
A13
ANB5
C2
VPP2K7
VDD_IO
N13
FAULTA0
B12
ANB6
D3
CLKO
N3
PWMB3
P14
D2
A12
ANB7
B1
TXD0
P2
PWMB4
N14
FAULTA1
B11
EXTBOOT
D2
RXD0
M3
PWMB5
M13
FAULTA2
J11
VSS
C1
PHASEA1
N4
GPIOB5
L13
D3
A11
ISA0
D1
PHASEB1
P3
GPIOB6
M14
FAULTA3
C11
ISA1
E2
INDEX1
M4
GPIOB7
L14
D4
D11
ISA2
E1
HOME1
P4
TXD1
L12
D5
B10
TD0
E3
A1
N5
RXD1
L11
D6
A10
TD1
E4
A2
L4
WR
K14
OCR_DIS
D10
TD2
F2
A3
P5
RD
K13
VDDA_OSC_PLL
E10
TD3
F1
A4
N6
PS
K12
XTAL
A9
TC0
F3
A5
L5
DS
J12
EXTAL
F11
VDD_IO
G4
VCAP4*
P6
GPIOD0
H11
VCAP3*
B9
TC1
K5
VDD_IO
L6
GPIOD1
K10
VDD_IO
D9
TRST
G1
A6
K6
GPIOD2
J13
RSTO
D8
TCK
G3
A7
N7
GPIOD3
J14
RESET
A8
TMS
G2
A8
P7
GPIOD4
H12
CLKMODE
B8
TDI
H1
A9
L7
GPIOD5
G13
ANA0
D7
TDO
H2
A10
N8
ISB0
H13
ANA1
A7
VPP1
H4
A11
K8
VCAP1*
G12
ANA2
D6
CAN_TX
H3
A12
L8
ISB1
F13
ANA3
B7
CAN_RX
J1
A13
P8
ISB2
F12
ANA4
E8
VCAP2*
J2
A14
K9
IRQA
H14
ANA5
D5
SS0
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com