Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4944 Datasheet(PDF) 5 Page - EPCOS

Part # B4944
Description  SAW Components Low-Loss Filter for Mobile Communication 181,80 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4944 Datasheet(HTML) 5 Page - EPCOS

  B4944 Datasheet HTML 1Page - EPCOS B4944 Datasheet HTML 2Page - EPCOS B4944 Datasheet HTML 3Page - EPCOS B4944 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
3
Sept 6, 2002
SAW Components
B4944
181,80 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics (with matching inductor)
Operating temperature range:
T
= -30 to + 85˚C
Terminating source impedance:
ZS = 100 Ω
Terminating load impedance:
ZL = 200 Ω || 330 nH
min.
typ.
max.
Center frequency
fc
—
181,44
—
MHz
Maximum insertion attenuation
α
max
181,785... 181,815 MHz
—
1,6
2,0
dB
Amplitude ripple (p-p)
∆α
181,785... 181,815 MHz
—
0,1
0,2
dB
Attenuation
α
50,0
... 164,0
MHz
37,0
45,0
—
dB
198,0
... 201,0
MHz
25,0
30,0
—
dB
201,0
... 320,0
MHz
37,0
45,0
—
dB
360,0
... 550,0
MHz
30,0
50,0
—
dB
1570,0
...1580,0
MHz
30,0
34,0
—
dB
1700,0
...2400,0
MHz
30,0
34,0
—
dB
1800,0
...1818,0
MHz
33,0
36,0
—
dB
4000,0
...4400,0
MHz
15,0
20,0
—
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com