Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F688-E/SLSQTP Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F688-E/SLSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/SLSQTP Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F688-E/SLSQTP Datasheet HTML 189Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 190Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 191Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 192Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 193Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 194Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 195Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 196Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 191
PIC16F688
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
Revision B
Rewrites of the Oscillator and Special Features of the
CPU Sections. General corrections to Figures and
formatting.
Revision C
Revised Electrical Section and added Char Data.
Added Golden Chapters.
Revision D
Replaced Package Drawings; Revised Product ID (SL
Package to 3.90 mm); Replaced PICmicro with PIC;
Replaced Dev. Tool Section.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC16F6XX family of devices.
B.1
PIC16F676 to PIC16F688
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F688
Max Operating Speed
20 MHz
20 MHz
Max Program Memory
(Words)
1024
4K
SRAM (Bytes)
64
256
A/D Resolution
10-bit
10-bit
Data EEPROM (bytes)
128
256
Timers (8/16-bit)
1/1
1/1
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RA0/1/2/4/5
RA0/1/2/4/5,
MCLR
Interrupt-on-change
RA0/1/2/3
/4/5
RA0/1/2/3/4/5
Comparator
1
2
EUSART
N
Y
Ultra Low-Power
Wake-up
NY
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC Frequencies
4 MHz
32 kHz -
8MHz
Clock Switching
N
Y
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com