Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/PSQTP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 101Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 102Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 103Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 108Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 103
PIC16F610/616/16HV610/616
TABLE 10-7:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM
REGISTER 10-3:
PWM1CON: ENHANCED PWM CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PRSEN: PWM Restart Enable bit
1
= Upon auto-shutdown, the ECCPASE bit clears automatically once the shutdown event goes
away; the PWM restarts automatically
0
= Upon auto-shutdown, ECCPASE must be cleared in software to restart the PWM
bit 6-0
PDC<6:0>: PWM Delay Count bits
PDCn = Number of FOSC/4 (4 * TOSC) cycles between the scheduled time when a PWM signal
should transition active and the actual time it transitions active
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
CCP1CON(1)
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
0000 0000
CCPR1L(1)
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
uuuu uuuu
CCPR1H(1)
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
uuuu uuuu
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
0000 -000
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
0000 -000
CM2CON1
MC1OUT
MC2OUT
—
T1ACS
C1HYS
C2HYS
T1GSS
C2SYNC
00-0 0010
00-0 0010
ECCPAS(1)
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
0000 0000
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
0000 0000
PIE1
—
ADIE(1)
CCP1IE(1)
C2IE
C1IE
—TMR2IE(1)
TMR1IE
-000 0-00
0000 0-00
PIR1
—
ADIF(1)
CCP1IF(1)
C2IF
C1IF
—TMR2IF(1)
TMR1IF
-000 0-00
0000 0-00
PWM1CON(1)
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
0000 0000
T2CON(1)
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
TMR2(1)
Timer2 Module Register
0000 0000
0000 0000
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
Legend:
– = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture, Compare and PWM.
Note
1:
PIC16F616/16HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com