Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/SLSQTP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16F616-E/SLSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/SLSQTP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16F616-E/SLSQTP Datasheet HTML 161Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 162Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 163Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 164Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 165Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 166Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 167Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 168Page - Microchip Technology PIC16F616-E/SLSQTP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 163
PIC16F610/616/16HV610/616
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC® device marking beyond this, certain price adders apply. Please check with your
Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F616
0610017
14-Lead SOIC (.150”)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F616-E
0610017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
XXXX/ST
0610
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXX
16-Lead QFN
XXXXXXX
YYWWNNN
16F616
Example
-I/ML
0610017
-I/P
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com