Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012A-30E/ML Datasheet(PDF) 199 Page - Microchip Technology

Part # DSPIC30F2012A-30E/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-30E/ML Datasheet(HTML) 199 Page - Microchip Technology

Back Button DSPIC30F2012A-30E/ML Datasheet HTML 195Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 196Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 197Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 198Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 199Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 200Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 201Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 202Page - Microchip Technology DSPIC30F2012A-30E/ML Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 197
dsPIC30F2011/2012/3012/3013
Input Capture ............................................................ 165
Oscillator Start-up Timer ........................................... 161
Output Compare Module........................................... 166
Power-up Timer ........................................................ 161
Reset......................................................................... 161
Simple OC/PWM Mode ............................................. 167
SPI Module
Master Mode (CKE = 0) .................................... 168
Master Mode (CKE = 1) .................................... 169
Slave Mode (CKE = 0) ...................................... 170
Slave Mode (CKE = 1) ...................................... 172
Type A Timer External Clock .................................... 163
Type B Timer External Clock .................................... 164
Type C Timer External Clock .................................... 164
Watchdog Timer........................................................ 161
Timing Specifications
PLL Clock.................................................................. 157
Trap Vectors ....................................................................... 67
U
UART Module
Address Detect Mode ............................................... 105
Auto-Baud Support ................................................... 106
Baud Rate Generator................................................ 105
Enabling and Setting Up ........................................... 103
Framing Error (FERR)............................................... 105
Idle Status ................................................................. 105
Loopback Mode ........................................................ 105
Operation During CPU Sleep and Idle Modes .......... 106
Overview ................................................................... 101
Parity Error (PERR) .................................................. 105
Receive Break........................................................... 105
Receive Buffer (UxRXB) ........................................... 104
Receive Buffer Overrun Error (OERR Bit) ................ 104
Receive Interrupt....................................................... 104
Receiving Data.......................................................... 104
Receiving in 8-bit or 9-bit Data Mode........................ 104
Reception Error Handling.......................................... 104
Transmit Break.......................................................... 104
Transmit Buffer (UxTXB)........................................... 103
Transmit Interrupt...................................................... 104
Transmitting Data...................................................... 103
Transmitting in 8-bit Data Mode ................................ 103
Transmitting in 9-bit Data Mode ................................ 103
UART1 Register Map................................................ 107
UART2 Register Map................................................ 107
UART Operation
Idle Mode .................................................................. 106
Sleep Mode............................................................... 106
Unit ID Locations............................................................... 119
Universal Asynchronous Receiver Transmitter
(UART) Module ......................................................... 101
W
Wake-up from Sleep ......................................................... 119
Wake-up from Sleep and Idle ............................................. 68
Watchdog Timer
Timing Characteristics .............................................. 161
Timing Requirements................................................ 161
Watchdog Timer (WDT) ............................................ 119, 129
Enabling and Disabling ............................................. 129
Operation .................................................................. 129
WWW Address.................................................................. 199
WWW, On-Line Support ....................................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com