Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/LSQTP Datasheet(PDF) 261 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 261 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 257Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 258Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 262Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 263Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 259
PIC18FXX8
23.0
LOW-VOLTAGE DETECT
In many applications, the ability to determine if the
device voltage (VDD) is below a specified voltage level
is a desirable feature. A window of operation for the
application can be created, where the application
software can do “housekeeping tasks” before the
device voltage exits the valid operating range. This can
be done using the Low-Voltage Detect module.
This module is a software programmable circuitry,
where a device voltage trip point can be specified.
When the voltage of the device becomes lower than the
specified point, an interrupt flag is set. If the interrupt is
enabled, the program execution will branch to the
interrupt vector address and the software can then
respond to that interrupt source.
The Low-Voltage Detect circuitry is completely under
software control. This allows the circuitry to be “turned
off” by the software which minimizes the current
consumption for the device.
Figure 23-1 shows a possible application voltage curve
(typically for batteries). Over time, the device voltage
decreases. When the device voltage equals voltage VA,
the LVD logic generates an interrupt. This occurs at
time TA. The application software then has the time,
until the device voltage is no longer in valid operating
range, to shutdown the system. Voltage point VB is the
minimum valid operating voltage specification. This
occurs at time TB. The difference TB – TA is the total
time for shutdown.
The block diagram for the LVD module is shown in
Figure 23-2. A comparator uses an internally gener-
ated reference voltage as the set point. When the
selected tap output of the device voltage crosses the
set point (is lower than), the LVDIF bit is set.
Each node in the resistor divider represents a “trip point”
voltage. The “trip point” voltage is the minimum supply
voltage level at which the device can operate before the
LVD module asserts an interrupt. When the supply
voltage is equal to the trip point, the voltage tapped off of
the resistor array is equal to the internal reference
voltage generated by the voltage reference module. The
comparator then generates an interrupt signal, setting
the LVDIF bit. This voltage is software programmable to
any one of 16 values (see Figure 23-2). The trip point is
selected
by
programming
the
LVDL3:LVDL0
bits
(LVDCON<3:0>).
FIGURE 23-1:
TYPICAL LOW-VOLTAGE DETECT APPLICATION
Time
VA
VB
TA
TB
VA = LVD trip point
VB = Minimum valid device
operating voltage
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com