Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/LSQTP Datasheet(PDF) 340 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 340 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 336Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 337Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 338Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 339Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 340Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 341Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 342Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 343Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 402 page
background image
PIC18FXX8
DS41159E-page 338
© 2006 Microchip Technology Inc.
FIGURE 27-4:
LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 27-1:
LOW-VOLTAGE DETECT CHARACTERISTICS
VLVD
LVDIF
VDD
(LVDIF set by hardware)
(LVDIF can be
cleared in software)
37
Low-Voltage Detect Characteristics
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D420
VLVD
LVD Voltage
LVV = 0001
1.96
2.06
2.16
V
T
≥ 25°C
LVV = 0010
2.16
2.27
2.38
V
T
≥ 25°C
LVV = 0011
2.35
2.47
2.59
V
T
≥ 25°C
LVV = 0100
2.43
2.58
2.69
V
LVV = 0101
2.64
2.78
2.92
V
LVV = 0110
2.75
2.89
3.03
V
LVV = 0111
2.95
3.1
3.26
V
LVV = 1000
3.24
3.41
3.58
V
LVV = 1001
3.43
3.61
3.79
V
LVV = 1010
3.53
3.72
3.91
V
LVV = 1011
3.72
3.92
4.12
V
LVV = 1100
3.92
4.13
4.34
V
LVV = 1101
4.07
4.33
4.59
V
LVV = 1110
4.36
4.64
4.92
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com