Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/LSQTP Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 135Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 136Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 137Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 138Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 139Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 140Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 141Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 142Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 137
PIC18FXX8
16.5.3
FULL-BRIDGE MODE
In Full-Bridge Output mode, four pins are used as out-
puts; however, only two outputs are active at a time. In
the Forward mode, pin RD4/PSP4/ECCP1/P1A is con-
tinuously active and pin RD7/PSP7/P1D is modulated.
In the Reverse mode, RD6/PSP6/P1C pin is continu-
ously active and RD5/PSP5/P1B pin is modulated.
These are illustrated in Figure 16-5.
P1A, P1B, P1C and P1D outputs are multiplexed with
the PORTD<4:7> data latches. The TRISD<4:7> bits
must be cleared to make the P1A, P1B, P1C and P1D
pins output.
FIGURE 16-5:
FULL-BRIDGE PWM OUTPUT
Period
Duty Cycle
P1A(2)
P1B(2)
P1C(2)
P1D(2)
FORWARD MODE
(1)
Period
Duty Cycle
P1A(2)
P1C(2)
P1D(2)
P1B(2)
REVERSE MODE
(1)
(1)
(1)
Note 1: At this time, the TMR2 register is equal to the PR2 register.
Note 2: Output signal is shown as asserted high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com